PART |
Description |
Maker |
SI4354DY-T1-E3 |
TRANSISTOR 9500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
SI4487DY-T1-GE3 |
TRANSISTOR 11600 mA, 30 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, HALOGEN FREE AND ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
SD5001 SD5401 SD5402 SD5402CY SD5400CY SD5000N XSD |
30.5mm Hole Pushbutton Enclosure; NEMA Type:12, 13; Enclosure Material:Steel; Enclosure Color:Gray; No. of Contacts:5 RoHS Compliant: Yes 50 mA, 15 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET High-Speed DMOS Quad FET Analog Switch Arrays 50 mA, 20 V, 4 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Magnet-Schultz of America, Inc. Calogic LLC CALOGIC[Calogic, LLC]
|
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
KD3070M KD3071M KV3994 KD5339 KV5319 KD5197 WD5197 |
P-CHANNEL, Si, SMALL SIGNAL, JFET 0.015 X 0.020 INCH, DIE-2 P-CHANNEL, Si, SMALL SIGNAL, JFET 0.013 X 0.016 INCH, DIE-2 N-CHANNEL, Si, SMALL SIGNAL, JFET P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Solitron Devices, Inc. SOLITRON DEVICES INC
|
2SK3377 2SK3377-15 |
20000 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-251AB SWITCHING P-CHANNEL POWER MOS FET
|
Renesas Electronics Corporation
|
BUK9MPP-55PRR |
Dual TrenchPLUS logic level FET 9160 mA, 55 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-013AC
|
NXP Semiconductors N.V.
|
FDC6304P |
Digital FET, Dual P-Channel RES 160-OHM 0.1% 0.125W 25PPM THIN-FILM SMD-0805 TR-7-PA ROHS 460 mA, 25 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
NX3008PBK NX3008PBK215 NX3008PBK-15 |
30 V, 230 mA P-channel Trench MOSFET SMALL SIGNAL, FET
|
NXP Semiconductors N.V.
|
NX3008NBK NX3008NBK-15 |
30 V, 400 mA N-channel Trench MOSFET SMALL SIGNAL, FET
|
NXP Semiconductors N.V.
|
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
|